Part Number Hot Search : 
MC10113 CMBT4124 UN1216 TQG144 AAT11 SP706CP ZX84C18 1N4730A
Product Description
Full Text Search
 

To Download FR607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR601G THRU FR607G
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
R-6
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Mounting position: Any Weight: 1.65 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FR FR Type Number 601G 602G Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Operating Temperature Range Storage Temperature Range
FR FR FR FR FR Units 603G 604G 605G 606G 607G
200 140 200
400 280 400 6.0 250 1.3 5.0 200
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA nS pF
O
I(AV) IFSM VF IR Trr Cj
RJA TJ TSTG
150
250 65 30 -65 to +150 -65 to +150
500
C/W

Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
- 450 -
RATINGS AND CHARACTERISTIC CURVES (FR601G THRU FR607G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES PEAK FORWARD SURGE CURRENT. (A)
8 600
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
500 400 8.3ms Single Half Sine Wave JEDEC Method 300
6
4
2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length 0 25 50 75 100
o
200 100
0 125 150 175 AMBIENT TEMPERATURE. ( C)
0 1 10 NUMBER OF CYCLES AT 60Hz 50 100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1000 500 700 600 500
FIG.4- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD CURRENT. (A)
400 100 40
JUNCTION CAPACITANCE.(pF)
2.0
300
200
10
Tj=25oC Pulse Width=300 s 1% Duty Cycle
100
1
60
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
40 1 2 4 6 10 20 40 60 100 REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
- 451 -


▲Up To Search▲   

 
Price & Availability of FR607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X